Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2STR2160 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 2STR2160
Description  Low voltage fast-switching PNP power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR2160 Fiches technique(HTML) 6 Page - STMicroelectronics

  2STR2160 Datasheet HTML 1Page - STMicroelectronics 2STR2160 Datasheet HTML 2Page - STMicroelectronics 2STR2160 Datasheet HTML 3Page - STMicroelectronics 2STR2160 Datasheet HTML 4Page - STMicroelectronics 2STR2160 Datasheet HTML 5Page - STMicroelectronics 2STR2160 Datasheet HTML 6Page - STMicroelectronics 2STR2160 Datasheet HTML 7Page - STMicroelectronics 2STR2160 Datasheet HTML 8Page - STMicroelectronics 2STR2160 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
2STR2160
6/9
DIM.
mm.
min.
typ
max.
A0.891.4
A1
0
0.1
B0.3
0.51
C0.0850.18
D2.75
3.04
e0.851.05
e1
1.7
2.1
E1.2
1.6
H
2.1
2.75
L0.6
S
0.350.65
SOT-23 mechanical data
0053390_G



Html Pages

1 2 3 4 5 6 7 8 9