Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC0310BTI3 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STPC0310BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0310BTI3 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STPC0310BTI3 Datasheet HTML 42Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 43Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 44Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 45Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 46Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 47Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 48Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 49Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
BOARD LAYOUT
46/51
Issue 1.2
A local ground plane on opposite side of the board
as shown in Figure 6-6 improves thermal dissipa-
tion. It is used to connect decoupling capacitances
but can also be used for connection to a heat sink
or to the system’s metal box for better dissipation.
This possibility of using the whole system’s box for
thermal dissipation is very usefull in case of high
temperature inside the system and low tempera-
ture outside. In that case, both sides of the PBGA
should be thermally connected to the metal chas-
sis in order to propagate the heat through the met-
al. Figure 6-7 illustrates such an implementation.
Figure 6-6. Bottom side layout and decoupling
Ground plane for thermal dissipation
Via to ground layer
Figure 6-7. Use of metal plate for thermal dissipation
Metal planes
Thermal conductor
Board
Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51