| Moteur de recherche de fiches techniques de composants électroniques |
|
STPC0310BTI3 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC0310BTI3 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 51 page ![]() MECHANICAL DATA 37/51 Issue 1.2 5. MECHANICAL DATA 5.1 388-Pin Package Dimension The pin numbering for the STPC 388-pin Plastic BGA package is shown in Figure 5-1. Dimensions are shown in Figure 5-2, Table 5-1 and Figure 5-3, Table 5-2. Figure 5-1. 388-Pin PBGA Package - Top View A B D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF C 1 3 5 7 9 11 13 15 17 19 21 23 25 2468 10 12 14 16 18 20 22 24 26 A B D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF C 1 3 5 7 9 1113 15 17 192123 25 2468 10 12 14 16 18 20 22 24 26 |