Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC4HEBI Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce STPC4HEBI
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBI Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button STPC4HEBI Datasheet HTML 66Page - STMicroelectronics STPC4HEBI Datasheet HTML 67Page - STMicroelectronics STPC4HEBI Datasheet HTML 68Page - STMicroelectronics STPC4HEBI Datasheet HTML 69Page - STMicroelectronics STPC4HEBI Datasheet HTML 70Page - STMicroelectronics STPC4HEBI Datasheet HTML 71Page - STMicroelectronics STPC4HEBI Datasheet HTML 72Page - STMicroelectronics STPC4HEBI Datasheet HTML 73Page - STMicroelectronics STPC4HEBI Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
DESIGN GUIDELINES
70/93
Release 1.5 - January 29, 2002
6.3.5. LOCAL BUS
The local bus has all the signals to connect flash
devices or I/O devices with the minimum glue
logic.
Figure 6-9 describes how to connect a 16-bit boot
flash (the corresponding strap options must be set
accordingly).
Figure 6-9. Typical 16-bit boot flash implementation
M58LW064A
STPC
22
DQ[15:0]
A[22:1]
CE
OE
W
RP
B
CLK
RB
LE
R
3V3
GND
RESET#
16
PD[15:0]
FCS0#
PWR0#
SYSRSTI#
PRD0#
PA[22:1]
PRD1#
PWR1#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93