| Moteur de recherche de fiches techniques de composants électroniques |
|
STPC4HEBI Fiches technique(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC4HEBI Fiches technique(HTML) 69 Page - STMicroelectronics |
|
69 / 93 page ![]() DESIGN GUIDELINES Release 1.5 - January 29, 2002 69/93 In the case of higher clock load it is recommended to use a zero-delay clock buffer as described in Figure 6-8. This approach is also recommended when implementing the delay on PCICLKI according to the PCI section of the Electrical Specifications chapter. Figure 6-8. PCI clock routing with zero-delay clock buffer PCICLKI PCICLKO Device A Device B Device C PLL Device D PCICLKI PCICLKO Device A Device B Device C PLL Device D CY2305 CY2305 Implementation 1 Implementation 2 |