Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC12 Fiches technique(PDF) 90 Page - STMicroelectronics

No de pièce STPC12
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12 Fiches technique(HTML) 90 Page - STMicroelectronics

Back Button STPC12 Datasheet HTML 86Page - STMicroelectronics STPC12 Datasheet HTML 87Page - STMicroelectronics STPC12 Datasheet HTML 88Page - STMicroelectronics STPC12 Datasheet HTML 89Page - STMicroelectronics STPC12 Datasheet HTML 90Page - STMicroelectronics STPC12 Datasheet HTML 91Page - STMicroelectronics STPC12 Datasheet HTML 92Page - STMicroelectronics STPC12 Datasheet HTML 93Page - STMicroelectronics STPC12 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 111 page
background image
DESIGN GUIDELINES
90/111
Issue 1.0 - July 24, 2002
6.3.12. PARALLEL PORT INTERFACE
The STPC integrates a parallel port where the
only external device needed is the ESD protection
circuits ST1284-01A8. Figure 6-18 describes a
typical implementation using this device.
Figure 6-18. Typical parallel port implementation
ACK#
AUTOFD#
STROBE#
PD[7:0]
STPC
Connector
ST1284-01A8
5V
8
8
BUSY
PE
SLCT
SLCTIN#
INIT#
ERR#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More