Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC12 Fiches technique(PDF) 84 Page - STMicroelectronics

No de pièce STPC12
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12 Fiches technique(HTML) 84 Page - STMicroelectronics

Back Button STPC12 Datasheet HTML 80Page - STMicroelectronics STPC12 Datasheet HTML 81Page - STMicroelectronics STPC12 Datasheet HTML 82Page - STMicroelectronics STPC12 Datasheet HTML 83Page - STMicroelectronics STPC12 Datasheet HTML 84Page - STMicroelectronics STPC12 Datasheet HTML 85Page - STMicroelectronics STPC12 Datasheet HTML 86Page - STMicroelectronics STPC12 Datasheet HTML 87Page - STMicroelectronics STPC12 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 111 page
background image
DESIGN GUIDELINES
84/111
Issue 1.0 - July 24, 2002
6.3.6. IPC
Most of the IPC signals are multiplexed: Interrupt
inputs, DMA Request inputs, DMA Acknowledge
outputs. The figure below describes a complete
implementation of the IRQ[15:0] time-multiplexing.
When an interrupt line is used internally, the
corresponding input can be grounded. In most of
the embedded designs, only few interrupts lines
are necessary and the glue logic can be simplified.
When the interface is integrated into the STPC,
the corresponding interrupt line can be grounded
as it is connected internally.
For example, if the integrated IDE controller is
activated, the IRQ[14] and IRQ[15] inputs can be
grounded.
Figure 6-11. Typical IRQ multiplexing
74x153
1C0
1Y
1G
IRQ[0]
IRQ_MUX[0]
1C1
1C2
1C3
2C0
2C1
2C2
2C3
A
B
2G
2Y
IRQ_MUX[1]
IRQ[1]
IRQ[2]
IRQ[3]
IRQ[4]
IRQ[5]
IRQ[6]
IRQ[7]
74x153
1C0
1Y
1G
IRQ_MUX[2]
1C1
1C2
1C3
2C0
2C1
2C2
2C3
A
B
2G
2Y
IRQ_MUX[3]
IRQ[8]
IRQ[9]
IRQ[10]
IRQ[11]
IRQ[12]
IRQ[13]
IRQ[14]
IRQ[15]
ISA_CLK2X
ISA_CLK
Timer 0
Keyboard
Slave PIC
COM2/COM4
COM1/COM3
LPT2
LPT1
RTC
Mouse
FPU
PCI / IDE
PCI / IDE
Floppy
Floppy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More