Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC4HEBC Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STPC4HEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBC Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STPC4HEBC Datasheet HTML 38Page - STMicroelectronics STPC4HEBC Datasheet HTML 39Page - STMicroelectronics STPC4HEBC Datasheet HTML 40Page - STMicroelectronics STPC4HEBC Datasheet HTML 41Page - STMicroelectronics STPC4HEBC Datasheet HTML 42Page - STMicroelectronics STPC4HEBC Datasheet HTML 43Page - STMicroelectronics STPC4HEBC Datasheet HTML 44Page - STMicroelectronics STPC4HEBC Datasheet HTML 45Page - STMicroelectronics STPC4HEBC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
ELECTRICAL SPECIFICATIONS
42/93
Release 1.5 - January 29, 2002
4.5.5 IPC INTERFACE
Table 4-12 lists the AC characteristics of the IPC
interface.
Figure 4-6. IPC timing diagram
ISACLK
IRQ_MUX[3:0]
DREQ_MUX[1:0]
ISACLK2X
Tdly
Tsetup
Tsetup
Table 4-12. IPC Interface AC Timings
Name
Parameter
Min
Max
Unit
Tdly
ISACLK2X to ISACLK delay
nS
ISACLK2X to DACK_ENC[2:0] valid
nS
ISACLK2X to TC valid
nS
Tsetup
IRQ_MUX[3:0] Input setup to ISACLK2X
0
-
nS
Tsetup
DREQ_MUX[1:0] Input setup to ISACLK2X
0
-
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93