Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC4HEBC Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STPC4HEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBC Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STPC4HEBC Datasheet HTML 72Page - STMicroelectronics STPC4HEBC Datasheet HTML 73Page - STMicroelectronics STPC4HEBC Datasheet HTML 74Page - STMicroelectronics STPC4HEBC Datasheet HTML 75Page - STMicroelectronics STPC4HEBC Datasheet HTML 76Page - STMicroelectronics STPC4HEBC Datasheet HTML 77Page - STMicroelectronics STPC4HEBC Datasheet HTML 78Page - STMicroelectronics STPC4HEBC Datasheet HTML 79Page - STMicroelectronics STPC4HEBC Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
DESIGN GUIDELINES
76/93
Release 1.5 - January 29, 2002
6.3.11. JTAG INTERFACE
The STPC integrates a JTAG interface for scan-
chain and on-board testing. The only external
device needed are the pull up resistors. Figure 6-
16 describes a typical implementation using these
devices.
Figure 6-16. Typical JTAG implementation
STPC
TCLK
TDO
3V3
Connector
9
10
1
2
6
7
3
4
8
5
TMS
TDI
TRST
3V3
3V3
3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93