| Moteur de recherche de fiches techniques de composants électroniques |
|
TC74 Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC74 Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 16 page ![]() 2002 Microchip Technology Inc. DS21462C-page 9 TC74 5.0 PACKAGING INFORMATION 5.1 SOT23A Package Marking Information SOT-23 Package Marking Codes TO-220 Package Marking Information SOT-23 (V) Address Code SOT-23 (V) Address Code TC74A0-3.3VCT 1001 000 V0 TC74A0-5.0VCT 1001 000 U0 TC74A1-3.3VCT 1001 001 V1 TC74A1-5.0VCT 1001 001 U1 TC74A2-3.3VCT 1001 010 V2 TC74A2-5.0VCT 1001 010 U2 TC74A3-3.3VCT 1001 011 V3 TC74A3-5.0VCT 1001 011 U3 TC74A4-3.3VCT 1001 100 V4 TC74A4-5.0VCT 1001 100 U4 TC74A5-3.3VCT 1001 101* V5 TC74A5-5.0VCT 1001 101* U5 TC74A6-3.3VCT 1001 110 V6 TC74A6-5.0VCT 1001 110 U6 TC74A7-3.3VCT 1001 111 V7 TC74A7-5.0VCT 1001 111 U7 Note: * Default Address 3 = year and quarter code 4 = lot ID number 1 & 2 = part number code + temp. range and voltage 5 1 4 2 3 5-Pin SOT-23A 14 23 Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus lim- iting the number of available characters for customer specific infor- mation. * Standard marking consists of Microchip part number, year code, week code, and traceability code. TO-220 1 23 4 5 TC74 A0- 3.3VAT 0229123 |