Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce TC74
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74 Fiches technique(HTML) 5 Page - Microchip Technology

  TC74 Datasheet HTML 1Page - Microchip Technology TC74 Datasheet HTML 2Page - Microchip Technology TC74 Datasheet HTML 3Page - Microchip Technology TC74 Datasheet HTML 4Page - Microchip Technology TC74 Datasheet HTML 5Page - Microchip Technology TC74 Datasheet HTML 6Page - Microchip Technology TC74 Datasheet HTML 7Page - Microchip Technology TC74 Datasheet HTML 8Page - Microchip Technology TC74 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2002 Microchip Technology Inc.
DS21462C-page 5
TC74
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Ground (GND)
Input. Ground return for all TC74 functions.
2.2
Power Supply Input (VDD)
Power supply input. See Electrical Specifications.
2.3
SMBus/I2C Serial Clock (SCLK)
Input. SMBus/I2C serial clock. Clocks data into and out
of the TC74. See System Management Bus
Specification, Rev. 1.0, for timing diagrams.
2.4
Serial Data (SDA)
Bidirectional. Serial data is transferred on the SMBus/
I2C in both directions using this pin. See System
Management Bus Specification, Rev. 1.0 for timing
diagrams.
Pin No.
(5-Pin
SOT-23)
Pin No.
(5-Pin TO-220)
Symbol
Type
Description
1
1
NC
None
No Internal Connection
2
3
GND
Power
System Ground
35
VDD
Power
Power Supply Input
4
4
SCLK
Input
SMBus/I2C Serial Clock
5
2
SDA
Bidirectional
SMBus/I2C Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16