Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPCCLIENT Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STPCCLIENT
Description  PC Compatible Embedded Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCCLIENT Fiches technique(HTML) 3 Page - STMicroelectronics

  STPCCLIENT Datasheet HTML 1Page - STMicroelectronics STPCCLIENT Datasheet HTML 2Page - STMicroelectronics STPCCLIENT Datasheet HTML 3Page - STMicroelectronics STPCCLIENT Datasheet HTML 4Page - STMicroelectronics STPCCLIENT Datasheet HTML 5Page - STMicroelectronics STPCCLIENT Datasheet HTML 6Page - STMicroelectronics STPCCLIENT Datasheet HTML 7Page - STMicroelectronics STPCCLIENT Datasheet HTML 8Page - STMicroelectronics STPCCLIENT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
STPC CLIENT
Issue 1.7 - February 8, 2000
3/48
•
ISA master/slave
•
The ISA clock generated from either
14.318MHz oscillator clock or PCI clock
•
Supports programmable extra wait state for
ISA cycles
•
Supports I/O recovery time for back to back I/
O cycles.
•
Fast Gate A20 and Fast reset.
•
Supports the single ROM that C, D, or E.
blocks shares with F block BIOS ROM.
•
Supports flash ROM.
•
Buffered DMA & ISA master cycles to reduce
bandwidth utilization of the PCI and Host bus.
•
IDE Interface
•
Supports PIO
•
Supports up to Mode 5 Timings
•
Supports up to 4 IDE devices
•
Individual drive timing for all four IDE devices
•
Concurrent channel operation (PIO modes) -
4 x 32-Bit Buffer FIFO per channel
•
Support for PIO mode 3 & 4
•
Support for 11.1/16.6 MB/s, I/O Channel
Ready PIO data transfers.
•
Supports both legacy & native IDE modes
•
Supports hard drives larger than 528MB
•
Support for CD-ROM and tape peripherals
•
Backward compatibility with IDE (ATA-1).
•
Integrated peripheral controller
•
2X8237/AT compatible 7-channel DMA con-
troller.
•
2X8259/AT compatible interrupt Controller.
16 interrupt inputs - ISA and PCI.
•
Three 8254 compatible Timer/Counters.
•
Power Management
•
Four power saving modes: On, Doze, Stand-
by, Suspend.
•
Programmable system activity detector
•
Supports SMM.
•
Supports STOPCLK.
•
Supports IO trap & restart.
•
Independent peripheral time-out timer to
monitor hard disk, serial & parallel ports.
•
Supports RTC, interrupts and DMAs wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48