Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECP2M35 Fiches technique(PDF) 21 Page - Lattice Semiconductor

No de pièce ECP2M35
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2M35 Fiches technique(HTML) 21 Page - Lattice Semiconductor

Back Button ECP2M35 Datasheet HTML 17Page - Lattice Semiconductor ECP2M35 Datasheet HTML 18Page - Lattice Semiconductor ECP2M35 Datasheet HTML 19Page - Lattice Semiconductor ECP2M35 Datasheet HTML 20Page - Lattice Semiconductor ECP2M35 Datasheet HTML 21Page - Lattice Semiconductor ECP2M35 Datasheet HTML 22Page - Lattice Semiconductor ECP2M35 Datasheet HTML 23Page - Lattice Semiconductor ECP2M35 Datasheet HTML 24Page - Lattice Semiconductor ECP2M35 Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 386 page
background image
2-18
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 2-18. Slice0 through Slice2 Control Selection
Edge Clock Routing
LatticeECP2/M devices have a number of high-speed edge clocks that are intended for use with the PIOs in the
implementation of high-speed interfaces. There are eight edge clocks per device: two edge clocks per edge. Differ-
ent PLL and DLL outputs are routed to the two muxes on the left and right sides of the device. In addition, the
CLKO signal (generated from the DLLDELA block) is routed to all the edge clock muxes on the left and right sides
of the device. Figure 2-19 shows the selection muxes for these clocks.
Figure 2-19. Edge Clock Mux Connections
Slice Control
Secondary Clock
Routing
Vcc
3
12
1
16:1
Left and Right
Edge Clocks
ECLK1
Top and Bottom
Edge Clocks
ECLK1/ ECLK2
Clock Input Pad
Routing
Routing
Input Pad
GPLL Input Pad
DLL Output CLKOP
GPLL Output CLKOP
CLKO
Left and Right
Edge Clocks
ECLK2
Routing
Input Pad
GPLL Input Pad
DLL Output CLKOS
GPLL Output CLKOS
CLKO
(Both Mux)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com