| Moteur de recherche de fiches techniques de composants électroniques |
|
ECP2M35 Fiches technique(PDF) 49 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2M35 Fiches technique(HTML) 49 Page - Lattice Semiconductor |
|
49 / 386 page ![]() 2-46 Architecture Lattice Semiconductor LatticeECP2/M Family Data Sheet SERDES and PCS (Physical Coding Sublayer) LatticeECP2M devices feature up to 16 channels of embedded SERDES arranged in quads at the corners of the devices. Figure 2-39 shows the position of the quad blocks in relation to the PFU array for LatticeECP2M70 and LatticeECP2M100 devices. Table 2-15 shows the location of Quads for all the devices. Each quad contains four dedicated SERDES (Ch0 to Ch3) for high-speed, full-duplex serial data transfer. Each quad also has a PCS block that interfaces to the SERDES channels and contains digital logic to support an array of popular data protocols. PCS also contains logic to the interface to FPGA core. Figure 2-39. SERDES Quads (LatticeECP2M70/LatticeECP2M100) Table 2-15. Available SERDES Quads per LatticeECP2M Devices SERDES Block A differential receiver receives the serial encoded data stream, equalizes the signal, extracts the buried clock and de-serializes the data-stream before passing the 8- or 10-bit data to the PCS logic. The transmit channel receives the parallel (8- or 10-bit) encoded data, serializes the data and transmits the serial bit stream through the differen- tial buffers. There is a single transmit clock per quad. Figure 2-40 shows a single channel SERDES and its inter- face to the PCS logic. Each SERDES receiver channel provides a recovered clock to the PCS block and to the FPGA core logic. Device URC Quad ULC Quad LRC Quad LLC Quad ECP2M20 Available — — — ECP2M35 Available — — — ECP2M50 Available — Available — ECP2M70 Available Available Available Available ECP2M100 Available Available Available Available ULC SERDES Quad URC SERDES Quad LRC SERDES Quad LLC SERDES Quad Ch 3 PCS Digital Logic Ch 2 Ch 1 Ch 0 Ch 3 PCS Digital Logic Ch 2 Ch 1 Ch 0 Ch 3 PCS Digital Logic Ch 2 Ch 1 Ch 0 Ch 3 PCS Digital Logic Ch 2 Ch 1 Ch 0 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |