Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW8019BS3T/LF Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STW8019BS3T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019BS3T/LF Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STW8019BS3T/LF Datasheet HTML 20Page - STMicroelectronics STW8019BS3T/LF Datasheet HTML 21Page - STMicroelectronics STW8019BS3T/LF Datasheet HTML 22Page - STMicroelectronics STW8019BS3T/LF Datasheet HTML 23Page - STMicroelectronics STW8019BS3T/LF Datasheet HTML 24Page - STMicroelectronics STW8019BS3T/LF Datasheet HTML 25Page - STMicroelectronics STW8019BS3T/LF Datasheet HTML 26Page - STMicroelectronics STW8019BS3T/LF Datasheet HTML 27Page - STMicroelectronics STW8019BS3T/LF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
STw8009/STw8019
Control registers
23/65
5
Control registers
5.1
Register addresses
Table 3.
Register addresses
Name
Type
N°
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DENC registers
configuration0
R/W
00
std1
std0
sync2
sync1
sync0
polh
polv
freerun
configuration1
R/W
01
blkli
flt1
flt0
sync_ok
coki
setup_main
[0]
[0]
configuration2
R/W
02
nintrl
enrst
bursten
xxx
selrst
rstosc_buf
valrst1
valrst0
configuration3
R/W
03
main_
entrap
trap_4.43
[0]
[0]
main_del_
en
val_422_ck
_mux
xxx
[0]
configuration4
R/W
04
syncin_ad1
syncin_ad0
syncout_ad
1
syncout_ad
0
aline
hue_en
xxx
xxx
configuration5
R/W
05
selrst_inc
bkdac2
bkdac1
[0]
[0]
[0]
[0]
dacinv
configuration6
R/W
06
softreset
jump
dec_ninc
free_jump
cfc1
cfc0
[0]
maxdyn
configuration7
R/W
07
[0]
[0]
[0]
xxx
[0]
bypass_
sync_corr
[0]
[0]
configuration8
R/W
08
ph_rst_
mode1
ph_rst_
mode0
xxx
val_422_
mux
blk_all
xxx
xxx
xxx
Status
R
09
hok
atfr
fldct2
flsct1
fldct0
jump
increment_dfs
R/W
10
d23
d22
d21
d20
d19
d18
d17
d16
increment_dfs
R/W
11
d15
d14
d13
d12
d11
d10
d9
d8
increment_dfs
R/W
12
d7
d6d5d4
d3
d2d1
d0
phase_dfs
R/W
13
xxx
xxx
xxx
xxx
xxx
xxx
o23
o22
phase_dfs
R/W
14
o21
o20
o19
o18
o17
o16
o15
o14
dac2mult
R/W
17
dac2_mult5
dac2_mult4
dac2_mult3
dac2_mult2
dac2_mult1
dac2_mult0
[1]
[0]
reserved
R/W
20
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
line_reg
R/W
21
ltarg8
ltarg7
ltarg6
ltarg5
ltarg4
ltarg3
ltarg2
ltarg1
line_reg
R/W
22
ltarg0
lref8
lref7
lref6
lref5
lref4
lref3
lref2
line_reg
R/W
23
lref1
lref0
-
-
-
-
-
-
Reserved
R
24
-
-
-
-
-
-
-
-
reserved
xxx
45
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
...
...
...
...
...
...
...
...
...
...
...
reserved
xxx
63
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
c_mult & ttx
R/W
65
c_mult3
c_mult2
c_mult1
c_mult0
[0]
xxx
[0]
bcs_en_main
Brightness
R/W
69
b7
b6b5b4
b3
b2b1
b0
Contrast
R/W
70
c7c6c5c4c3c2c1
c0
Saturation
R/W
71
s7s6s5s4s3s2s1
s0
Chroma_coef_0
R/W
72
flt_s
plg_div1
plg_div0
c0(4)
c0(3)
c0(2)
c0(1)
c0(0)
Chroma_coef_1
R/W
73
xxx
c8(8)
c1(5)
c1(4)
c1(3)
c1(2)
c1(1)
c1(0)
Chroma_coef_2
R/W
74
xxx
c2(6)
c2(5)
c2(4)
c2(3)
c2(2)
c2(1)
c2(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66