| Moteur de recherche de fiches techniques de composants électroniques |
|
STW5098 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5098 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 86 page ![]() Control registers STw5098 44/85 3 ADSPIM 1 0 AD interface in SPI mode sends one channel (left) AD interface in SPI mode sends two channels (alternated, left first) 0 2-0 ADWL(2:0) 000 001 010 011 100 AD interface word length 16 bit 18 bit 20 bit 24 bit 32 bit 000 Table 22. CR28 description Bits Name Value CR28 description Def. 7AMCKINV 1 0 AMCK is inverted AMCK is not inverted 0 6DACKP 1 0 DA Bit clock pin (DA_CK) polarity is inverted DA Bit clock pin (DA_CK) polarity is not inverted 0 5 DASYNCP 1 0 DSP and PCM formats in DA interface Non delayed format Delayed format 0 1 0 Delayed, left-aligned, right-aligned and SPI formats in DA interface DA sync pin (DA_SYNC) polarity is inverted DA sync pin (DA_SYNC) polarity is not inverted 4DAMONO 1 0 Mono mode: (L+R)/2 from Audio Interface is used on both DAC channels Stereo mode 0 3 ADCKP 1 0 AD Bit clock pin (AD_CK) polarity is inverted AD Bit clock pin (AD_CK) polarity is not inverted 0 2 ADSYNCP 1 0 DSP and PCM formats in AD interface Non delayed format Delayed format 0 1 0 Delayed, left-aligned, right-aligned and SPI formats in AD interface DA sync pin (DA_SYNC) polarity is inverted DA sync pin (DA_SYNC) polarity is not inverted 1ADMONO 1 0 Mono mode: (L+R)/2 from ADC is sent to both channels in the Audio interface Stereo mode 0 0 ADHIZ 1 0 AD data pin (AD_DATA) is in high impedance state when no data is available AD data pin (AD_DATA) is forced to 0 when no data is available 0 Table 21. CR27 description (continued) Bits Name Value CR27 description Def. |