| Moteur de recherche de fiches techniques de composants électroniques |
|
STW5098 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5098 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 86 page ![]() STw5098 Control registers 31/85 Table 4. CR1 description Bits Name Value CR1 description Def. 7 ENADCL 1 0 The left channel A/D converter is enabled The left channel A/D converter is in power down 0 6 ENADCR 1 0 The right channel A/D converter is enabled The right channel A/D converter is in power down 0 5ENDACL 1 0 The left channel D/A converter is enabled The left channel D/A converter is in power down 0 4ENDACR 1 0 The right channel D/A converter is enabled The right channel D/A converter is in power down 0 3ENMICL 1 0 The left channel microphone preamplifier is enabled The left channel microphone preamplifier is in power down 0 2ENMICR 1 0 The right channel microphone preamplifier is enabled The right channel microphone preamplifier is in power down 0 1ENLINL 1 0 The left channel line-in preamplifier is enabled The left channel line-in preamplifier is in power down 0 0ENLINR 1 0 The right channel line-in preamplifier is enabled The right channel line-in preamplifier is in power down 0 Table 5. CR2 description Bit # Name Value CR2 Description Def. 7ENLOL 1 0 The left channel line out driver is enabled The left channel line out driver is in power down (default) 0 6ENLOR 1 0 The right channel line out driver is enabled The right channel line out driver is in power down (default) 0 5 ENHPL 1 0 The left channel headphones driver is enabled The left channel headphones driver is in power down (default) 0 4 ENHPR 1 0 The right channel headphones driver is enabled The right channel headphones driver is in power down (default) 0 3 ENHPVCM 1 0 The headphones reference voltage generator is enabled The headphones reference voltage generator is in power down (def) 0 2 1ENEAR 1 0 The 32 Ω earphone amplifier is enabled The 32 Ω earphone amplifier is in power down (default) 0 2ENLS 1 0 The 8 Ω loudspeaker amplifier is enabled The 8 Ω loudspeaker amplifier is in power down (default) 0 1ENMIXL 1 0 The left channel analog output mixer is enabled The left channel analog output mixer is in power down (default) 0 0ENMIXR 1 0 The right channel analog output mixer is enabled The right channel analog output mixer is in power down (default) 0 |