| Moteur de recherche de fiches techniques de composants électroniques |
|
QST508AM1 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
QST508AM1 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 51 page ![]() Electrical characteristics QST108 32/51 6.3 EMC characteristics Susceptibility tests are performed on a sample basis during product characterization. 6.3.1 Functional EMS (electro magnetic susceptibility) The product is stressed by two electro magnetic events until a failure occurs: ● ESD: Electro-Static Discharge (positive and negative) is applied on all pins of the device until a functional disturbance occurs. This test conforms with the IEC 1000-4-2 standard. ● FTB: A Burst of Fast Transient voltage (positive and negative) is applied to VDD and VSS through a 100pF capacitor, until a functional disturbance occurs. This test conforms with the IEC 1000-4-4 standard. A device reset allows normal operations to be resumed. The test results are given in the table below based on the EMS levels and classes defined in application note AN1709. 6.3.2 Electro magnetic interference (EMI) The product is monitored in terms of emission. This emission test is in line with the norm SAE J 1752/3 which specifies the board and the loading of each pin. Table 23. Functional EMS Symbol Parameter Conditions Level/ Class VFESD Voltage limits to be applied on any I/O pin to induce a functional disturbance VDD=5V, TA=+25°C, complies with IEC 1000-4-2 3B VFFTB Fast transient voltage burst limits to be applied through 100pF on VDD and VDD pins to induce a functional disturbance VDD=5V, TA=+25°C complies with IEC 1000-4-4 4A Table 24. EM emissions Symbol Parameter Conditions Monitored Frequency Band fDEVICE = 4 MHz (1) 1. Data based on characterization results, not tested in production. Unit SEMI Peak level VDD=5V, TA=+25°C, complies with SAE J 1752/3 0.1 MHz to 30 MHz 20 dB μV 30 MHz to 130 MHz 20 130 MHz to 1 GHz 13 SAE EMI Level 2.5 - |