| Moteur de recherche de fiches techniques de composants électroniques |
|
QST508AM1 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
QST508AM1 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 51 page ![]() QST108 Device operating modes 17/51 4.5.3 Option descriptions Adjacent key suppression (AKS™) The QST108 features an adjacent key suppression (AKS™) function. This function is enabled using the AKS option resistor (OPT2) in standard output mode as described in Table 4. In BCD output mode, the AKS function is always enabled, regardless of the option resistor configuration. Low Power mode option This option resistor (OPT3) selects whether the device is always sensing the keys or if a low power consumption phase is introduced between bursts as described in Table 5. In Low Power mode, a very low consumption (sleep) phase of 100ms is inserted between the Group B burst and the Group A burst. This significantly reduces the overall consumption of the device. Sleep duration is not accurate and can vary substantially depending on VDD and temperature values. Note: In Low Power mode, the response time is increased. Max On-Duration There are four recalibration timing options (“Max On-Duration”). The recalibration option resistors (OPT4 and OPT5) control how long it takes for a continuous detection to trigger a recalibration on a key as described in Table 6. When such an event occurs, only the “stuck” key is recalibrated. Table 4. AKS truth table OPT2/AKS Description VSS Disabled VDD Global locking AKS on all available keys Table 5. Low power (LP) mode truth table OPT3/LP Description VSS Free running mode VDD 100ms sleep duration Table 6. Max On-Duration (MOD) truth table OPT4/MOD_0 OPT5/MOD_1 Description VSS VSS Infinite VSS VDD 60s VDD VSS 20s VDD VDD 10s |