| Moteur de recherche de fiches techniques de composants électroniques |
|
STN8810 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STN8810 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 16 page ![]() Package mechanical data STn8810 12/15 2 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 3. TFBGA outline (bottom and side views) Note: The terminal A1 corner is identified on the top surface by using a corner chamfer, ink or metallized markings. 13 5 7 9 11 13 15 17 19 21 2 4 6 8 10 12 14 16 18 20 22 A B C D E F G H J K L M N P R T U V W Y AA AB e D1 D f A2 C Seating plane A A1 C ddd Bottom view A1 ball pad corner (see note) φb (288+36 = 324 balls) Side view |