Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN8810 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STN8810
Description  Mobile multimedia application processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STN8810 Datasheet HTML 8Page - STMicroelectronics STN8810 Datasheet HTML 9Page - STMicroelectronics STN8810 Datasheet HTML 10Page - STMicroelectronics STN8810 Datasheet HTML 11Page - STMicroelectronics STN8810 Datasheet HTML 12Page - STMicroelectronics STN8810 Datasheet HTML 13Page - STMicroelectronics STN8810 Datasheet HTML 14Page - STMicroelectronics STN8810 Datasheet HTML 15Page - STMicroelectronics STN8810 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
STn8810
Overview
11/15
1.29
Host port interface (HPI)
The host port interface features:
●
16-bit parallel data bus
●
Multiplexed and non-multiplexed address/data bus
●
Indirect host access
●
Direct host access to a segment of STn8810 memory in multiplexed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16