Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2002 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 26Page - STMicroelectronics STE2002 Datasheet HTML 27Page - STMicroelectronics STE2002 Datasheet HTML 28Page - STMicroelectronics STE2002 Datasheet HTML 29Page - STMicroelectronics STE2002 Datasheet HTML 30Page - STMicroelectronics STE2002 Datasheet HTML 31Page - STMicroelectronics STE2002 Datasheet HTML 32Page - STMicroelectronics STE2002 Datasheet HTML 33Page - STMicroelectronics STE2002 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
Bus interfaces
STE2002
30/61
H=0
Memory Blank
0
0
000000
0
1
Starts Memory Blank
Procedure
Scroll
0
0
000000
1
DIR
Scrolls by one Row
UP or DOWN
VLCD Range
Setting
0
0
000001
0
PRS[0]
VLDC programming
range selection
Display Control
0
0
00001
D
0
E
Select Display
Configuration
Set CP Factor
0
0
00010
S2
S1
S0
Charge Pump
Multiplication factor
Set RAM Y
0
0
0100
Y3
Y2
Y1
Y0
Set Horizontal (Y)
RAM Address
Set RAM X
0
0
1
X6X5X4X3X2
X1
X0
Set Vertical (X) RAM
Address
H=1
Checker Board
0
0
000000
0
1
Starts Checker Board
Procedure
Multiplex Select
0
0
000000
1
MUX
Selects MUX factor
TC Select
0
0
000001
TC1
TC0
Set Temperature
Coefficient for VLDC
Output Address
0
0
00001
DO
A1
A2
No function
Bias Ratios
0
0
00010
BS2
BS1
BS0
Set desired Bias
Ratios
Reserved
0
0
0
1
X
X
X
X
X
X
Not to be used
Set VOP
00
1
OP
6
OP
5
OP
4
OP
3
OP
2
OP1
OP0
VOP register Write
instruction
Table 10.
STE2001-like instruction set (continued)
Instruction
D/C
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61