Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2002 Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 50Page - STMicroelectronics STE2002 Datasheet HTML 51Page - STMicroelectronics STE2002 Datasheet HTML 52Page - STMicroelectronics STE2002 Datasheet HTML 53Page - STMicroelectronics STE2002 Datasheet HTML 54Page - STMicroelectronics STE2002 Datasheet HTML 55Page - STMicroelectronics STE2002 Datasheet HTML 56Page - STMicroelectronics STE2002 Datasheet HTML 57Page - STMicroelectronics STE2002 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
Pad coordinates
STE2002
54/61
R50
139
+3571.5
-375.0
TEST_4
173
+2675.0
+946.5
R51
140
+3571.5
-325.0
TEST_5
174
+2625.0
+946.5
R52
141
+3571.5
-275.0
TEST_6
175
+2575.0
+946.5
R53
142
+3571.5
-225.0
TEST_7
176
+2525.0
+946.5
R54
143
+3571.5
-175.0
TEST_8
177
+2475.0
+946.5
R55
144
+3571.5
-125.0
TEST_9
178
+2425.0
+946.5
R56
145
+3571.5
-75.0
TEST_10
179
+2375.0
+946.5
R57
146
+3571.5
-25.0
VSSAUX
180
+2225.0
+946.5
R58
147
+3571.5
+25.0
SA1
181
+2175.0
+946.5
R59
148
+3571.5
+75.0
SA0
182
+2125.0
+946.5
R60
149
+3571.5
+125.0
EXT
183
+2075.0
+946.5
R61
150
+3571.5
+175.0
SEL2
184
+2025.0
+946.5
R62
151
+3571.5
+225.0
SEL1
185
+1975.0
+946.5
R63
152
+3571.5
+275.0
ICON_MODE
186
+1925.0
+946.5
R64
153
+3571.5
+325.0
OSC_IN
187
+1875.0
+946.5
R65
154
+3571.5
+375.0
VDD1_1
188
+1825.0
+946.5
R66
155
+3571.5
+425.0
VDD1_2
189
+1825.0
+839.5
R67
156
+3571.5
+475.0
VDD1_3
190
+1775.0
+946.5
R68
157
+3571.5
+525.0
VDD1_4
191
+1775.0
+839.5
R69
158
+3571.5
+575.0
VDD1_5
192
+1725.0
+946.5
R70
159
+3571.5
+625.0
VDD1_6
193
+1725.0
+839.5
R71
160
+3571.5
+675.0
VDD1_7
194
+1675.0
+946.5
R72
161
+3571.5
+725.0
VDD1_8
195
+1675.0
+839.5
R73
162
+3571.5
+775.0
VDD1_9
196
+1625.0
+946.5
R74
163
+3571.5
+825.0
VDD1_10
197
+1625.0
+839.5
R75
164
+3571.5
+875.0
VDD1_11
198
+1575.0
+946.5
R76
165
+3275.0
+946.5
VDD1_12
199
+1575.0
+839.5
R77
166
+3225.0
+946.5
VDD2_1
200
+1525.0
+946.5
R78
167
+3175.0
+946.5
VDD2_2
201
+1525.0
+839.5
R79
168
+3125.0
+946.5
VDD2_3
202
+1475.0
+946.5
R80/ICON
169
+3075.0
+946.5
VDD2_4
203
+1475.0
+839.5
TEST_1
170
+2825.0
+946.5
VDD2_5
204
+1425.0
+946.5
TEST_2
171
+2775.0
+946.5
VDD2_6
205
+1425.0
+839.5
TEST_3
172
+2725.0
+946.5
VDD2_7
206
+1375.0
+946.5
Table 28.
Pad coordinates (continued)
Name
Pad
X (
µm)
Y(
µm)
Name
Pad
X (
µm)
Y(
µm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61