Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP45NF3LLFP Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STP45NF3LLFP
Description  N-CHANNEL 30V - 0.014ohm - 45A TO-220 - TO220FP - D2PAK STripFET II™ POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45NF3LLFP Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STP45NF3LLFP Datasheet HTML 2Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 3Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 4Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 5Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 6Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 7Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 8Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 9Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STP45NF3LL - STB45NF3LL
6/11
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuit For
Resistive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11