Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP45NF3LLFP Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STP45NF3LLFP
Description  N-CHANNEL 30V - 0.014ohm - 45A TO-220 - TO220FP - D2PAK STripFET II™ POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45NF3LLFP Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STP45NF3LLFP Datasheet HTML 3Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 4Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 5Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 6Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 7Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 8Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 9Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 10Page - STMicroelectronics STP45NF3LLFP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
STP45NF3LL - STB45NF3LL
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.393
E1
8.5
0.334
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.625
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.068
M
2.4
3.2
0.094
0.126
R
0.4
0.015
V2
0º
8º
D2PAK MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11