Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6203LNC/CCCE Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce ST6203LNC/CCCE
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6203LNC/CCCE Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button ST6203LNC/CCCE Datasheet HTML 85Page - STMicroelectronics ST6203LNC/CCCE Datasheet HTML 86Page - STMicroelectronics ST6203LNC/CCCE Datasheet HTML 87Page - STMicroelectronics ST6203LNC/CCCE Datasheet HTML 88Page - STMicroelectronics ST6203LNC/CCCE Datasheet HTML 89Page - STMicroelectronics ST6203LNC/CCCE Datasheet HTML 90Page - STMicroelectronics ST6203LNC/CCCE Datasheet HTML 91Page - STMicroelectronics ST6203LNC/CCCE Datasheet HTML 92Page - STMicroelectronics ST6203LNC/CCCE Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto
89/96
12.5 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics
and also details the ST6 factory coded device
type.
Figure 71. ST6 Factory Coded Device Types
ECOPACK®
ROM code
Temperature code:
A: -40 to +85 °C
C: -40 to +125 °C
Package type:
M: Plastic SOP
N: Plastic SSOP
Revision index:
B,C: Product Definition change
L: Low Voltage Device
ST6 Sub family
Version Code:
No char: ROM
E: EPROM
P: FASTROM
T: OTP
Family
ST62T03CMA/CCCE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com