| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6203LNC/CCCE Fiches technique(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6203LNC/CCCE Fiches technique(HTML) 86 Page - STMicroelectronics |
|
86 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 86/96 12 GENERAL INFORMATION 12.1 PACKAGE MECHANICAL DATA Figure 68. 16-Pin Plastic Small Outline Package, 300-mil Width Figure 69. 16-Pin Plastic Shrink Small Outline Package Dim. mm inches Min Typ Max Min Typ Max A 2.35 2.65 0.093 0.104 A1 0.10 0.30 0.004 0.012 B 0.33 0.51 0.013 0.020 C 0.23 0.32 0.009 0.013 D 10.10 10.50 0.398 0.413 E 7.40 7.60 0.291 0.299 H 10.00 10.65 0.394 0.419 e 1.27 0.050 h 0.25 0.75 0.010 0.030 α 0° 8° 0° 8° L 0.40 1.27 0.016 0.050 Number of Pins N 16 H E C h x 45× a L B e A1 A D Dim. mm inches Min Typ Max Min Typ Max A 2.00 0.079 A1 0.05 0.002 A2 1.65 1.75 1.85 0.065 0.069 0.073 b 0.22 0.38 0.009 0.015 c 0.09 0.25 0.004 0.010 D 5.90 6.20 6.50 0.232 0.244 0.256 E 7.40 7.80 8.20 0.291 0.307 0.323 E1 5.00 5.30 5.60 0.197 0.209 0.220 e 0.65 0.026 θ 0° 4° 8° 0° 4° 8° L 0.55 0.75 0.95 0.022 0.030 0.037 Number of Pins N 16 A2 A1 A D b e E1 E L h c 1 |