| Moteur de recherche de fiches techniques de composants électroniques |
|
STA680 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 43 page ![]() STA680 Digital I/O and memory interfaces 25/43 5 Digital I/O and memory interfaces 5.1 Interfaces: LQFP vs. LFBGA The STA680 interface set depends on the package option selected, the LFBGA giving the maximum flexibility where the LQFP package has a slightly smaller set of interfaces, due to its smaller pin count. The differences between the two package options are detailed in Table 5. Table 5. Interface list Interface name Direction LQFP LFBGA Base-band interface 1 I ✓✓ Base-band interface 2 (data only) I ✓✓ I2S audio input I ✓✓ I2S audio output (six channels) O ✓✓ I2C primary interface (Micro) I/O ✓✓ I2C secondary Interface I/O x ✓ SPI micro interface I/O ✓✓ SPI Flash interface (single chip select) I/O ✓✓ SPI Flash interface extension (up to 4 chip select) I/O x ✓ SPI SD/MMC I/O x ✓ SDRAM interface I/O ✓✓ S/PDIF interface O ✓✓ UART interface I/O ✓✓ 4 GPIO lines I/O x ✓ JTAG test interface (boundary scan only) I/O ✓✓ |