| Moteur de recherche de fiches techniques de composants électroniques |
|
STA680 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 43 page ![]() I/O description STA680 12/43 3.2 LFBGA description Figure 6 presents the ballout of the STA680 for the LFBGA package option. Different colors have been used for I/O signals from different interfaces according to Table 2 reported in Section 3.3. Figure 6. LFBGA ballout (top view) 123456789 10 11 12 13 14 A B C D E F G H J K L M N P GPIO6 BB2_BCK BB2_I GND_IO_GEN IIC1_SDA SPI1_MISO SPI1_SCK RESET_N TXD_GPIO2 RTS_GPIO0 VDD_GEN_IO TESTMODE GPIO5 BB1_Q BLEND BB2_WS GND_IO_GEN BB2_Q IIC1_SCL SPI1_MOSI SPI1_SS0_N RXD_GPIO3 CTS_GPIO1 VDD_GEN_IO SDR_A3 SDR_A3 TRST_N TRST_N BB1_WS BB1_I ADAT2 IIC2_SDA GPIO7 IIC2_SCL IIC1_DA SPI3_MOSI SPI3_MISO SPI3_SCK TDI TCK SDR_A1 SDR_A1 SDR_A2 SDR_A2 VDD_GEN_IO VDD_GEN_IO BB1_BCK IIC2_DA VDD VDD SPI3_SS_N GPIO4 TDO TMS SDR_A10 SDR_A10 SDR_A0 SDR_A0 AUDIO_IN_ ABCK SPDIF ADAT3 VDD_PLL_DIG VDD MODEOP_FSH SDR_BA0 SDR_BA0 SDR_BA1 SDR_BA1 AUDIO_IN_ ADAT AUDIO_IN_ AWS GND_PLL_ DIG GND_PLL_ DIG GND GND GND GND VDD MODEOP_GEN SDR_RAS_N SDR_RAS_N SDR_CS_N SDR_CS_N AWS ADAT DAC256X GND GND GND GND SDR_CAS_N SDR_CAS_N SDR_WE_N SDR_WE_N VDD_RAM_IO VDD_RAM_IO GND_IO_GEN GND_IO_GEN ABCK GND GND GND GND SDR_A4 SDR_A4 SDR_A5 SDR_A5 GND_RAM_IO GND_RAM_IO VDD_OSC GND_OSC GND_PLL1_ ANA GND_PLL0_ ANA GND GND GND GND VDD VDD SDR_A7 SDR_A7 SDR_A6 SDR_A6 OSC_OUT CLK_IN VDD VDD_REG3V3 VDD VDD SDR_A9 SDR_A9 SDR_A8 SDR_A8 OSC_IN GND_OSC VDD VDD_REG3V3 VDD_FSH_IO GND_FSH_IO VDD_RAM_ IO_1V8 GND_RAM_ IO_1V8 GND_RAM_IO GND_RAM_IO SDR_A12 SDR_A12 SDR_A11 SDR_A11 VDD_PLL1_ ANA VDD_PLL0_ ANA SPI2_SS1_N SPI2_SS2_N SPI2_SS3_N SDR_CLK_ RAM1V8 SDR_D13 SDR_D10 VDD_RAM_IO VDD_RAM_IO GND_RAM_IO GND_RAM_IO SDR_DQM1 SDR_CKE VDD_REG1V8 VDD_REG1V8 SPI2_MOSI SPI2_SCK SDR_CLK_ RAM3V3 SDR_D15 SDR_D15 SDR_D12 SDR_D12 SDR_D9 SDR_D9 SDR_D0 SDR_D0 SDR_D2 SDR_D2 SDR_D4 SDR_D4 SDR_D6 SDR_D6 SDR_DQM0 SPI2_SS0_N SPI2_MISO SDR_FEED_ CLK SDR_D14 SDR_D14 SDR_D11 SDR_D11 SDR_D8 SDR_D8 SDR_D1 SDR_D1 SDR_D3 SDR_D3 SDR_D5 SDR_D5 SDR_D7 SDR_D7 Ball unused Ball not present AC00707 Color legenda: SDRAM Interface IIS Tuner Interfaces Flash/Card Interfaces Host Processor Interfaces GPIO & UART Interfaces IIS Audio Input Interface Audio Output Interfaces |