Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA335BWS Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 36Page - STMicroelectronics STA335BWS Datasheet HTML 37Page - STMicroelectronics STA335BWS Datasheet HTML 38Page - STMicroelectronics STA335BWS Datasheet HTML 39Page - STMicroelectronics STA335BWS Datasheet HTML 40Page - STMicroelectronics STA335BWS Datasheet HTML 41Page - STMicroelectronics STA335BWS Datasheet HTML 42Page - STMicroelectronics STA335BWS Datasheet HTML 43Page - STMicroelectronics STA335BWS Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
Register description
STA335BWS
40/68
2.1 channels, two fullbridge + one external full bridge (OCFG = 10):
"
DDX1A ' OUT1A
"
DDX1B ' OUT1B
"
DDX2A ' OUT2A
"
DDX2B ' OUT2B
"
DDX3A ' OUT3A
"
DDX3B ' OUT3B
"
EAPD ' OUT4A
"
TWARN OUT4B
"
DDX1A/1B configured as ternary
"
DDX2A/2B configured as ternary
"
DDX3A/3B configured as ternary
"
DDX4A/4B is not used
In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the
external bridge control signals are muxed.
In this configuration the PWM slot phase is the following as shown in the next figures:
Figure 15.
2.1 channels (OCFG = 10) PWM slots
6.6.2
Invalid input detect mute enable
Setting the IDE bit enables this function, which looks at the input I2S data and will
automatically mute if the signals are perceived as invalid.
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
Bit
R/W
RST
Name
Description
2R/W
1
IDE
Setting of 1 enables the automatic invalid input
detect mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68