Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA323W Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 31Page - STMicroelectronics STA323W Datasheet HTML 32Page - STMicroelectronics STA323W Datasheet HTML 33Page - STMicroelectronics STA323W Datasheet HTML 34Page - STMicroelectronics STA323W Datasheet HTML 35Page - STMicroelectronics STA323W Datasheet HTML 36Page - STMicroelectronics STA323W Datasheet HTML 37Page - STMicroelectronics STA323W Datasheet HTML 38Page - STMicroelectronics STA323W Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
STA323W
I2C bus specification
35/77
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA323W. The master acknowledges each data
byte read and then generates a STOP condition to terminate the transfer.
Random address byte read
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA323W acknowledges this and then the master writes the internal address byte.
After receiving, the internal byte address the STA323W again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA323W acknowledges this and then responds
by sending one byte of data. The master then terminates the transfer by generating a STOP
condition.
Random address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
then read from sequential addresses within the STA323W. The master acknowledges each
data byte read and then generates a STOP condition to terminate the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77