| Moteur de recherche de fiches techniques de composants électroniques |
|
QST508AM0 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
QST508AM0 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 51 page ![]() Electrical characteristics QST108 34/51 6.4 Operating conditions 6.5 Supply current characteristics Figure 10. IDD Sleep mode current characteristics Table 27. Operating conditions Symbol Feature Value Unit VDD Operating supply voltage 2.4 to 5.5 V TA Operating temperature -40° to +85° C Table 28. Supply current characteristics Symbol Parameter Conditions Min. Typ. (1) 1. The results are based on CS = 2.7nF and CX = 12.5pF Max. Unit IDD (FR) Average suppy current Free Run mode VDD = 2.4 V 1.71 mA VDD = 3.3 V 2.17 VDD = 5 V 3.35 IDD (Sleep 100ms) Average suppy current 100ms Sleep mode VDD = 2.4 V 276 µA VDD = 3.3 V 389 VDD = 5 V 637 IDD (Sleep 500ms) Average suppy current 500ms Sleep mode VDD = 2.4 V 108 µA VDD = 3.3 V 144 VDD = 5 V 246 IDD Deep Sleep Average suppy current Deep Sleep mode 5µA |