Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QST508AM0 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce QST508AM0
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AM0 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button QST508AM0 Datasheet HTML 6Page - STMicroelectronics QST508AM0 Datasheet HTML 7Page - STMicroelectronics QST508AM0 Datasheet HTML 8Page - STMicroelectronics QST508AM0 Datasheet HTML 9Page - STMicroelectronics QST508AM0 Datasheet HTML 10Page - STMicroelectronics QST508AM0 Datasheet HTML 11Page - STMicroelectronics QST508AM0 Datasheet HTML 12Page - STMicroelectronics QST508AM0 Datasheet HTML 13Page - STMicroelectronics QST508AM0 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
QST touch sensing technology
QST108
10/51
Figure 3 shows an example of detection with DI=2 and EDI=2 meaning 3 consecutive
samples are necessary to trigger the key detection or end of detection
Figure 3.
Detection signals
3.6
Self-calibration
On power-up, all keys are self-calibrated to provide reliable operation under almost any
conditions. The calibration phase is used to compute a reference value per key which is then
used by the process determining if a key is touched or not. The reference is an average of 8
single acquisitions. As a result, the calibration time of the system can be simply calculated
using the following formula: tCAL = 8 * Burst_Period. The methodology used to measure the
burst period is described in application note AN2547. For a maximum calibration duration
(tCAL), please refer to Section 6.6: Capacitive sensing characteristics on page 35.
3.7
Fast positive recalibration
The device autorecalibrates a key when its signal reflects a decrease in capacitance higher
than a fixed threshold (PosRecalTh) for a defined number of acquisitions (PosRecalI).
3.8
Forced key recalibration
A recalibration of the device may be issued at any time by sending to the QST device the
appropriate I2C command or by tying the RESET pin to ground.
It is possible to recalibrate independently any individual key using an I2C command.
Time
Reference count
Reference + EofDeTh
Reference + DeTh
Hysteresis
Key Detection signal
= Sampling point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51