Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QST108AM0 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce QST108AM0
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AM0 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button QST108AM0 Datasheet HTML 43Page - STMicroelectronics QST108AM0 Datasheet HTML 44Page - STMicroelectronics QST108AM0 Datasheet HTML 45Page - STMicroelectronics QST108AM0 Datasheet HTML 46Page - STMicroelectronics QST108AM0 Datasheet HTML 47Page - STMicroelectronics QST108AM0 Datasheet HTML 48Page - STMicroelectronics QST108AM0 Datasheet HTML 49Page - STMicroelectronics QST108AM0 Datasheet HTML 50Page - STMicroelectronics QST108AM0 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
QST108
Device revision information
47/51
9
Device revision information
9.1
Device revision identification
The marking on the right side of the second line (Line B) of the package top face identifies
the device revision.
Figure 25.
Device revision identification (TQFP package)
The device revision can also be obtained using the GET_DEVICE_INFO I2C command. For
more information, refer to Section 4.9: Supported commands on page 16.
9.2
Device revision history
This section identifies the device deviations from the present specification for each device
revision.
9.2.1
Revision 2.1
Engineering samples. For more information regarding this revision, please contact your local
ST sales office.
Table 39.
Device revision identification
Marking
Device revision
F00
V 2.1
F01
V 2.3
QST108
QRG
F01
A
B
C
DE
FG
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51