Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QST108AM0 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce QST108AM0
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AM0 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button QST108AM0 Datasheet HTML 11Page - STMicroelectronics QST108AM0 Datasheet HTML 12Page - STMicroelectronics QST108AM0 Datasheet HTML 13Page - STMicroelectronics QST108AM0 Datasheet HTML 14Page - STMicroelectronics QST108AM0 Datasheet HTML 15Page - STMicroelectronics QST108AM0 Datasheet HTML 16Page - STMicroelectronics QST108AM0 Datasheet HTML 17Page - STMicroelectronics QST108AM0 Datasheet HTML 18Page - STMicroelectronics QST108AM0 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
QST108
Device operating modes
15/51
4.5
Stand-alone mode
This mode allows the user to simply replace existing mechanical switch interface with a
capacitive sensing solution. It is designed for maximum flexibility and can accommodate
most popular sensing requirements via option resistors (see Figure 5).
4.5.1
Main features
●
Pins KOUT1 to KOUT8 directly reflect the state of keys
●
Selectable global adjacent key suppression (AKS™)
●
Selectable sleep duration
●
Selectable Max On-Duration values
●
Selectable BCD mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51