| Moteur de recherche de fiches techniques de composants électroniques |
|
ECP2 Fiches technique(PDF) 143 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 Fiches technique(HTML) 143 Page - Lattice Semiconductor |
|
143 / 386 page ![]() 4-42 Pinout Information Lattice Semiconductor LatticeECP2/M Family Data Sheet L11 L11 PB61B 4 BDQ60 C T13 T13 PB62A 4 BDQ60 T R13 R13 PB63A 4 BDQ60 T VCCIO VCCIO VCCIO4 4 T14 T14 PB62B 4 BDQ60 C P13 P13 PB63B 4 BDQ60 C GND GND GNDIO4 - N12 N12 PB64A 4 VREF2_4/BDQ60 T M12 M12 PB64B 4 VREF1_4/BDQ60 C R15 R15 CFG2 8 N14 N14 CFG1 8 N13 N13 PROGRAMN 8 N15 N15 CFG0 8 P15 P15 PR44B 8 WRITEN C L12 L12 INITN 8 N16 N16 PR43B 8 CSN C GND GND GNDIO8 - R14 R14 CCLK 8 P14 P14 PR44A 8 CS1N T M13 M13 DONE 8 R16 R16 PR42B 8 D1 C VCCIO VCCIO VCCIO8 8 M16 M16 PR43A 8 D0/SPIFASTN T P16 P16 PR42A 8 D2 T L15 L15 PR41B 8 D3 C GND GND GNDIO8 - L14 L14 PR40A 8 D6 T L16 L16 PR41A 8 D4 T L10 L10 PR39B 8 D7 C L13 L13 PR40B 8 D5 C VCCIO VCCIO VCCIO8 8 K11 K11 PR39A 8 DI/CSSPI0N T K14 K14 PR38B 8 DOUT/CSON C K13 K13 PR38A 8 BUSY/SISPI T GND GND GNDIO8 - K15 K15 PR31B 3 RLM0_GPLLC_FB_A/RDQ34 C VCCIO VCCIO VCCIO3 3 K16 K16 PR31A 3 RLM0_GPLLT_FB_A/RDQ34 T GND GND GNDIO3 - J16 J16 PR30B 3 RLM0_GPLLC_IN_A**/RDQ34 C (LVDS)* J15 J15 PR30A 3 RLM0_GPLLT_IN_A**/RDQ34 T (LVDS)* J14 J14 RLM0_PLLCAP 3 LFE2-20E/SE Logic Signal Connections: 256 fpBGA (Cont.) LFE2-20E/SE Ball Number Ball Number Ball/Pad Function Bank Dual Function Differential |