| Moteur de recherche de fiches techniques de composants électroniques |
|
ECP2 Fiches technique(PDF) 140 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 Fiches technique(HTML) 140 Page - Lattice Semiconductor |
|
140 / 386 page ![]() 4-39 Pinout Information Lattice Semiconductor LatticeECP2/M Family Data Sheet LFE2-20E/SE Logic Signal Connections: 256 fpBGA LFE2-20E/SE Ball Number Ball Number Ball/Pad Function Bank Dual Function Differential C3 C3 PL2A 7 VREF2_7 T (LVDS)* C2 C2 PL2B 7 VREF1_7 C (LVDS)* VCCIO VCCIO VCCIO7 7 - GND GNDIO7 7 D3 D3 PL7A 7 LDQ8 T D4 D4 PL6A 7 LDQ8 T (LVDS)* D2 D2 PL7B 7 LDQ8 C GND GND GNDIO7 - E4 E4 PL6B 7 LDQ8 C (LVDS)* B1 B1 PL13A 7 LDQ16 T C1 C1 PL13B 7 LDQ16 C F5 F5 PL15A 7 LDQ16 T VCCIO VCC VCCIO 7 F4 F4 PL14A 7 LDQ16 T (LVDS)* G6 G6 PL15B 7 LDQ16 C G4 G4 PL14B 7 LDQ16 C (LVDS)* D1 D1 PL16A 7 LDQS16 T (LVDS)* GND GND GNDIO7 - E1 E1 PL16B 7 LDQ16 C (LVDS)* F3 F3 PL17A 7 LDQ16 T G3 G3 PL17B 7 LDQ16 C VCCIO VCCIO VCCIO7 7 F2 F2 PL18A 7 LDQ16 T (LVDS)* F1 F1 PL18B 7 LDQ16 C (LVDS)* GND GND GNDIO7 - G2 G2 PL19A 7 PCLKT7_0/LDQ16 T G1 G1 PL19B 7 PCLKC7_0/LDQ16 C H6 H6 PL21A 6 PCLKT6_0/LDQ25 T (LVDS)* VCCIO VCCIO VCCIO6 6 H5 H5 PL21B 6 PCLKC6_0/LDQ25 C (LVDS)* H4 H4 PL22A 6 VREF2_6/LDQ25 T GND GND GNDIO6 - H3 H3 PL22B 6 VREF1_6/LDQ25 C H2 H2 PL27A 6 LLM0_GDLLT_IN_A**/LDQ25 T (LVDS)* H1 H1 PL27B 6 LLM0_GDLLC_IN_A**/LDQ25 C (LVDS)* G10 G10 VCC - J4 J4 PL28A 6 LLM0_GDLLT_FB_A/LDQ25 T J5 J5 PL28B 6 LLM0_GDLLC_FB_A/LDQ25 C J6 J6 LLM0_PLLCAP 6 K4 K4 PL30A 6 LLM0_GPLLT_IN_A**/LDQ34 T (LVDS)* GND GND GNDIO6 - |