| Moteur de recherche de fiches techniques de composants électroniques |
|
ECP2 Fiches technique(PDF) 27 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECP2 Fiches technique(HTML) 27 Page - Lattice Semiconductor |
|
27 / 386 page ![]() 2-24 Architecture Lattice Semiconductor LatticeECP2/M Family Data Sheet MAC sysDSP Element In this case, the two operands, A and B, are multiplied and the result is added with the previous accumulated value. This accumulated value is available at the output. The user can enable the input and pipeline registers, but the out- put register is always enabled. The output register is used to store the accumulated value. The Accumulators in the DSP blocks in the LatticeECP2/M family can be initialized dynamically. A registered overflow signal is also avail- able. The overflow conditions are provided later in this document. Figure 2-24 shows the MAC sysDSP element. Figure 2-24. MAC sysDSP Multiplier x Input Data Register A n m Input Data Register B m n n n m n n m Accumulator Multiplier Multiplicand Signed A Serial Register B in Serial Register A in SROB SROA Output Addn Accumsload Pipeline CLK (CLK0,CLK1,CLK2,CLK3) CE (CE0,CE1,CE2,CE3) RST(RST0,RST1,RST2,RST3) Input Pipeline Register Input Register Pipeline Register Input Register Pipeline Register To Accumulator Signed B Pipeline Input To Accumulator To Accumulator To Accumulator Overflow signal m+n (default) m+n+16 (default) m+n+16 (default) Preload Register Register Register Register |