Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC165 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce M74HC165
Description  8-bit PISO shift register
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC165 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button M74HC165 Datasheet HTML 13Page - STMicroelectronics M74HC165 Datasheet HTML 14Page - STMicroelectronics M74HC165 Datasheet HTML 15Page - STMicroelectronics M74HC165 Datasheet HTML 16Page - STMicroelectronics M74HC165 Datasheet HTML 17Page - STMicroelectronics M74HC165 Datasheet HTML 18Page - STMicroelectronics M74HC165 Datasheet HTML 19Page - STMicroelectronics M74HC165 Datasheet HTML 20Page - STMicroelectronics M74HC165 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
M74HC165
Package mechanical data
17/21
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0079
D
4.9
5
5.1
0.193
0.197
0.201
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0˚
8˚
0˚
8˚
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP16 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0080338D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21