Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC165 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce M74HC165
Description  8-bit PISO shift register
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC165 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button M74HC165 Datasheet HTML 10Page - STMicroelectronics M74HC165 Datasheet HTML 11Page - STMicroelectronics M74HC165 Datasheet HTML 12Page - STMicroelectronics M74HC165 Datasheet HTML 13Page - STMicroelectronics M74HC165 Datasheet HTML 14Page - STMicroelectronics M74HC165 Datasheet HTML 15Page - STMicroelectronics M74HC165 Datasheet HTML 16Page - STMicroelectronics M74HC165 Datasheet HTML 17Page - STMicroelectronics M74HC165 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Package mechanical data
M74HC165
14/21
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21