Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STDS75 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STDS75
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDS75 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STDS75_08 Datasheet HTML 29Page - STMicroelectronics STDS75_08 Datasheet HTML 30Page - STMicroelectronics STDS75_08 Datasheet HTML 31Page - STMicroelectronics STDS75_08 Datasheet HTML 32Page - STMicroelectronics STDS75_08 Datasheet HTML 33Page - STMicroelectronics STDS75_08 Datasheet HTML 34Page - STMicroelectronics STDS75_08 Datasheet HTML 35Page - STMicroelectronics STDS75_08 Datasheet HTML 36Page - STMicroelectronics STDS75_08 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
STDS75
Part numbering
35/37
8
Part numbering
Table 17.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
STDS75
M
2
F
Device type
STDS75
Package
M = SO8
DS = MSOP8 (TSSOP8)
Temperature range
2 = –55 to 125°C
Shipping method
F = ECOPACK® package, tape & reel
E=ECOPACK® package, tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37