Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STDS75 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STDS75
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDS75 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STDS75_08 Datasheet HTML 25Page - STMicroelectronics STDS75_08 Datasheet HTML 26Page - STMicroelectronics STDS75_08 Datasheet HTML 27Page - STMicroelectronics STDS75_08 Datasheet HTML 28Page - STMicroelectronics STDS75_08 Datasheet HTML 29Page - STMicroelectronics STDS75_08 Datasheet HTML 30Page - STMicroelectronics STDS75_08 Datasheet HTML 31Page - STMicroelectronics STDS75_08 Datasheet HTML 32Page - STMicroelectronics STDS75_08 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
STDS75
DC and AC parameters
29/37
6
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 12. Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Table 12.
Operating and AC measurement conditions
Parameter
STDS75
Unit
VDD/VBAT supply voltage
2.7 to 5.5
V
Ambient operating temperature (TA)
–55 to 125
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8VCC
V
Input and output timing reference voltages
0.3 to 0.7VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37