Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF03I Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STCF03I
Description  High power white LED driver with I2CTM interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03I Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STCF03I Datasheet HTML 12Page - STMicroelectronics STCF03I Datasheet HTML 13Page - STMicroelectronics STCF03I Datasheet HTML 14Page - STMicroelectronics STCF03I Datasheet HTML 15Page - STMicroelectronics STCF03I Datasheet HTML 16Page - STMicroelectronics STCF03I Datasheet HTML 17Page - STMicroelectronics STCF03I Datasheet HTML 18Page - STMicroelectronics STCF03I Datasheet HTML 19Page - STMicroelectronics STCF03I Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Introduction
STCF03I
16/33
pulse. The data on the SDA line must remain stable during the HIGH period of the clock
pulse. Any change in the SDA line at this time will be interpreted as a control signal.
7.7
Acknowledge
The master (µP) puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse (see Figure 7). The peripheral (STCF03I) that acknowledges has to pull-down (LOW)
the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during
this clock pulse. The peripheral which has been addressed has to generate an acknowledge
pulse after the reception of each byte, otherwise the SDA line remains at the HIGH level
during the ninth clock pulse duration. In this case, the master transmitter can generate the
STOP information in order to abort the transfer.
Figure 6.
Bit transfer
Figure 7.
Acknowledge on I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33