| Moteur de recherche de fiches techniques de composants électroniques |
|
STCF03I Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF03I Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 33 page ![]() Introduction STCF03I 15/33 7.4 Data validity As shown in Figure 4, the data on the SDA line must be stable during the high period of the clock. The HIGH and LOW state of the data line can only change when the clock signal on the SCL line is LOW. 7.5 Start and stop conditions Both DATA and CLOCK lines remain HIGH when the bus is not busy. As shown in Figure 5, a start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH. The stop condition is a LOW to HIGH transition of the SDA line while SCL is HIGH. A STOP condition must be sent before each START condition. 7.6 Byte format Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an acknowledge bit. The MSB is transferred first. One data bit is transferred during each clock Figure 4. Data validity on the I2C Bus Figure 5. Timing diagram on I2C Bus |