Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM703M6E Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STM703M6E
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM703M6E Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STM703M6E Datasheet HTML 29Page - STMicroelectronics STM703M6E Datasheet HTML 30Page - STMicroelectronics STM703M6E Datasheet HTML 31Page - STMicroelectronics STM703M6E Datasheet HTML 32Page - STMicroelectronics STM703M6E Datasheet HTML 33Page - STMicroelectronics STM703M6E Datasheet HTML 34Page - STMicroelectronics STM703M6E Datasheet HTML 35Page - STMicroelectronics STM703M6E Datasheet HTML 36Page - STMicroelectronics STM703M6E Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
35/37
STM690A/692A/703/704/802/805/817/818/819
Table 11. Marking Description
Part Number
Reset Threshold
Package
Topside Marking
STM690A
4.65V
SO8
690A
STM692A
4.40V
SO8
692A
STM703
4.65V
SO8
703
STM704
4.40V
SO8
704
STM802L
4.65V
SO8
802L
STM802M
4.40V
SO8
802M
STM805L
4.65V
SO8
805L
STM817L
4.65V
SO8
817L
TSSOP8
STM817M
4.40V
SO8
817M
TSSOP8
STM818L
4.65V
SO8
818L
TSSOP8
STM818M
4.40V
SO8
818M
TSSOP8
STM819L
4.65V
SO8
819L
TSSOP8
STM819M
4.40V
SO8
819M
TSSOP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37