Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM703M6E Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM703M6E
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM703M6E Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM703M6E Datasheet HTML 29Page - STMicroelectronics STM703M6E Datasheet HTML 30Page - STMicroelectronics STM703M6E Datasheet HTML 31Page - STMicroelectronics STM703M6E Datasheet HTML 32Page - STMicroelectronics STM703M6E Datasheet HTML 33Page - STMicroelectronics STM703M6E Datasheet HTML 34Page - STMicroelectronics STM703M6E Datasheet HTML 35Page - STMicroelectronics STM703M6E Datasheet HTML 36Page - STMicroelectronics STM703M6E Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
STM690A/692A/703/704/802/805/817/818/819
34/37
PART NUMBERING
Table 10. Ordering Information Scheme
Note: 1. Contact local ST sales office for availability.
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
STM690A
M
6
E
Device Type
STM690A/692A/703/704/802/805/817/818/819
Reset Threshold Voltage
STM690A/703: blank = VRST = 4.50V to 4.75V
STM8xxL: L = VRST = 4.50V to 4.75V
STM692A/704: blank = VRST = 4.25V to 4.50V
STM8xxM: M = VRST = 4.25V to 4.50V
Package
M = SO8
DS(1) = TSSOP8
Temperature Range
6 = –40 to 85°C
Shipping Method
E = ECOPACK Package, Tubes
F = ECOPACK Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37