Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLM75 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STLM75
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STLM75_08 Datasheet HTML 19Page - STMicroelectronics STLM75_08 Datasheet HTML 20Page - STMicroelectronics STLM75_08 Datasheet HTML 21Page - STMicroelectronics STLM75_08 Datasheet HTML 22Page - STMicroelectronics STLM75_08 Datasheet HTML 23Page - STMicroelectronics STLM75_08 Datasheet HTML 24Page - STMicroelectronics STLM75_08 Datasheet HTML 25Page - STMicroelectronics STLM75_08 Datasheet HTML 26Page - STMicroelectronics STLM75_08 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
STLM75
Functional description
23/37
3.5
READ mode
In this mode the master reads the STLM75 slave after setting the slave address (see
Figure 8). Following the WRITE mode control bit (R/W=0) and the acknowledge bit, the word
address 'An' is written to the on-chip address pointer.
There are two READ modes:
●
Preset pointer locations (e.g. temperature, TOS and THYS registers), and
●
Pointer setting (the pointer has to be set for the register that is to be read)
Note:
The temperature register pointer is usually the default pointer.
These modes are shown in the READ mode typical timing diagrams (see Figure 9,
Figure 10, and Figure 11).
Figure 8.
Slave address location
AI12226
R/W
SLAVE ADDRESS
START
A
0
1
A2 A1 A0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37