Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS472 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce TS472
Description  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button TS472_06 Datasheet HTML 15Page - STMicroelectronics TS472_06 Datasheet HTML 16Page - STMicroelectronics TS472_06 Datasheet HTML 17Page - STMicroelectronics TS472_06 Datasheet HTML 18Page - STMicroelectronics TS472_06 Datasheet HTML 19Page - STMicroelectronics TS472_06 Datasheet HTML 20Page - STMicroelectronics TS472_06 Datasheet HTML 21Page - STMicroelectronics TS472_06 Datasheet HTML 22Page - STMicroelectronics TS472_06 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TS472
Application information
19/24
5.10
Demo board
A demo board for the TS472 is available. For more information about this demo board,
please refer to Application Note AN
2240, which can be found on www.st.com.
Figure 40.
PCB top layer
Figure 41.
PCB bottom layer
Figure 42.
Component location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24