| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7540N Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7540N Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 76 page ![]() Software specification TDA7540N 44/76 STDON Stereodecoder on/off if muted STDM Stereodecoder mute enable STING Stereodecoder ingain STVCO Stereodecoder VCO adjust TDEV Time constant for deviation detector TEST Testing PLL/IFC (only for testing) TFCKL Fast clock for testing audioprocessor TIN Switch FSU PIN to TEST input (only for testing) TINAC Test input adjacent channel (only for testing) TINACM Test input adjacent channel mute (only for testing) TINMP Test input multipath(only for testing) TISS Time constant for ISS filter “ON”/”OFF” TMSA Test mode stereodecoder and audioprocessor TOUT Switch FSU PIN to Test output (only for testing) TST Test stereodecoder enable TVMODE Tuning voltage offset mode TVO Tuning voltage offset for prestage TVWB Tuning voltage offset for prestage (weather band mode) VCOD VCO divider VCOM Stereodecoder VCO mode VCOON Enable Stereo Decoder VCO VHCH Start level high cut VHCL Stop level high cut WAGC AM wide band AGC XTAL Xtal frequency adjust XTLIM Xtal amplitude limitation Table 11. Control register function (continued) Register Name Function |