Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7540N Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 48Page - STMicroelectronics TDA7540N Datasheet HTML 49Page - STMicroelectronics TDA7540N Datasheet HTML 50Page - STMicroelectronics TDA7540N Datasheet HTML 51Page - STMicroelectronics TDA7540N Datasheet HTML 52Page - STMicroelectronics TDA7540N Datasheet HTML 53Page - STMicroelectronics TDA7540N Datasheet HTML 54Page - STMicroelectronics TDA7540N Datasheet HTML 55Page - STMicroelectronics TDA7540N Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
Software specification
TDA7540N
52/76
1111
AC mute “OFF”
0
AC mute filter 110KHz
1
AC mute filter 100KHz
Table 26.
Addr 14 VCODIV/PLLREF
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
not valid (only for testing)
0
1
VCO frequency divided by 2
1
0
VCO frequency divided by 3
1
1
original VCO frequency
0
VCO” I” signal 0 degree
1
VCO “I” signal 180 degree
1
0
0
PLL reference frequency 50KHz
1
0
1
PLL reference frequency 25KHz
1
1
0
PLL reference frequency 10KHz
1
1
1
PLL reference frequency 9KHz
0
0
0
PLL reference frequency 2KHz
0
Select FM mode
1
Select AM mode
0
Select PLL low pass filter FM
1
Select PLL low pass filter AM
Table 25.
Addr 13 softmute control 2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 27.
Addr 15 FM AGC
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
RFAGC threshold V9-11TH= 85(77 ANT)dBµV
0
1
RFAGC threshold V9-11TH= 90(82 ANT)dBµV
1
0
RFAGC threshold V9-11TH= 94(86 ANT)dBµV
1
1
RFAGC threshold V9-11TH= 96(88 ANT)dBµV
0
0
IFAGC threshold V77TH= 86(60 ANT)dBµV
0
1
IFAGC threshold V77TH= 92(66 ANT)dBµV
1
0
IFAGC threshold V77TH= 96(70 ANT)dBµV
1
1
IFAGC threshold V77TH= 98(72 ANT)dBµV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76